Part Number Hot Search : 
A1215 AD5801 CA3080AM 0M27B RB050 TF01N R65C22J3 42225
Product Description
Full Text Search
 

To Download SDR0604-1R2M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr0604 series - smd power inductors features available in e12 series small diameter of only 5.8 mm maximum profile of 4.8 mm lead free version available (see how to order) lead free versions are rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communication equipment ? camcorders ? lcd tvs ? car radios electrical specifications product dimensions recommended layout typical part marking general specifications test voltage ........................................1 v reflow soldering .....230 ?, 50 sec max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature ..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core.................................ferrite dr core wire .............................enameled copper terminal electrode: .....see how to order rated current...ind. drop 10 % typ. at isat temperature rise .......................40 ? max. at rated irms packaging.....................400 pcs. per reel 5.8 (.228) max. max. 4.8 (.189) 1.8 (.071) max. typ. 5.8 (.228) 5.8 (.228) 6.0 (.236) 1.8 (.071) 101 start finish inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. ( ? ? ) max. typ. (mhz) (mhz) (a) (a) sdr0604- 1r2m_ 1.2 20 35 7.96 155 0.02 4.2 7.30 sdr0604- 1r5m_ 1.5 20 32 7.96 108 0.03 3.60 6.10 sdr0604- 2r2m_ 2.2 20 33 7.96 79 0.06 2.80 5.10 sdr0604- 2r7m_ 2.7 20 22 7.96 65 0.06 2.30 3.80 sdr0604- 3r3m_ 3.3 20 22 7.96 60 0.07 2.00 3.50 sdr0604-3r9m_ 3.9 20 22 7.96 40 0.07 1.90 3.20 sdr0604- 4r7m_ 4.7 20 20 7.96 34 0.08 1.80 3.00 sdr0604- 5r6m_ 5.6 20 20 7.96 30 0.08 1.70 2.70 sdr0604- 6r8m_ 6.8 20 20 7.96 28 0.12 1.60 2.50 sdr0604- 8r2m_ 8.2 20 20 7.96 26 0.09 1.50 2.30 sdr0604- 100m_ 10 20 30 2.52 23 0.10 1.45 2.00 sdr0604- 120m_ 12 20 30 2.52 22 0.12 1.40 1.90 sdr0604- 150y_ 15 15 30 2.52 20 0.14 1.30 1.60 sdr0604- 180y_ 18 15 30 2.52 18 0.15 1.25 1.50 sdr0604- 220y_ 22 15 30 2.52 16 0.19 1.10 1.40 sdr0604- 270y_ 27 15 28 2.52 14 0.22 1.00 1.30 sdr0604- 330k_ 33 10 24 2.52 13 0.25 0.88 1.10 sdr0604- 390k_ 39 10 24 2.52 13 0.32 0.80 1.00 sdr0604- 470k_ 47 10 22 2.52 12 0.37 0.72 1.00 sdr0604- 560k_ 56 10 22 2.52 11 0.42 0.68 0.90 sdr0604- 680k_ 68 10 22 2.52 10 0.52 0.62 0.84 sdr0604- 820k_ 82 10 20 2.52 9 0.60 0.58 0.75 sdr0604- 101k_ 100 10 20 0.796 9 0.70 0.52 0.68 sdr0604- 121k_ 120 10 22 0.796 7 0.93 0.48 0.60 sdr0604- 151k_ 150 10 20 0.796 6 1.10 0.40 0.54 sdr0604- 181k_ 180 10 20 0.796 6 1.38 0.38 0.50 sdr0604- 221k_ 220 10 20 0.796 6 1.57 0.35 0.44 sdr0604- 271k_ 270 10 26 0.796 4 1.88 0.32 0.40 sdr0604- 331k_ 330 10 25 0.796 3 2.25 0.27 0.36 sdr0604- 391k_ 390 10 25 0.796 3 2.48 0.25 0.34 sdr0604- 471k_ 470 10 25 0.796 3 3.30 0.21 0.30 sdr0604- 561k_ 560 10 24 0.252 3 4.00 0.18 0.26 sdr0604- 681k_ 680 10 26 0.252 2 4.65 0.16 0.25 sdr0604- 821k_ 820 10 25 0.252 2 5.20 0.14 0.20 dimensions: mm (inches) lead free versions are rohs compliant how to order sdr0604 - 100m __ model value/tolerance: from table termination l = ag/ni/sn blank = ag/ni/snpb *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications.
14.0 (.551) 18.4 (.724) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. packaging specifications end start user direction of feed 160 (6.299) no component no component components 4.9 (.117) 3200 (125.984) 400 (15.748) 4 (.157) 8 (.315) 12 (.472) qty: 400 pcs. per reel dimensions: mm (inches) sdr0604 series - smd power inductors rev. 02/05 specifications are subject to change without notice. customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR0604-1R2M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X